Part Number Hot Search : 
GC1501 SR205 331M10 BFC505 36ACP 2SK24F EB13C5 84063261
Product Description
Full Text Search
 

To Download EUP2412 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 500kHz Synchronous Step-Up Converter with 600mA LDO
DESCRIPTION
The EUP2412 provides a high efficiency 500kHz synchronous step-up converter and a low noise, high PSRR, low dropout (LDO) fixed output linear regulator with independent enable pins. EUP2412 input voltage range is 2.2V to 5.5V, making it ideal for applications with either a 2-cell NiMH/NiCd or a single-cell lithium-ion/polymer batteries. The EUP2412 500kHz fixed frequency synchronous step-up converter uses smaller external components producing a compact solution for a wide range of load currents. Integrated N-Channel main switch and P-Channel synchronous rectifier greatly improve converter efficiency. Internal soft-start function reduces inrush current. The EUP2412 synchronous step-up convert regulates the output voltage up to 6V. When the synchronous step-up convert is disabled, the internal conduction path from SW to OUT is fully blocked. This output disconnect feature isolates the output from the input and reduces the shutdown current less than 0.1A. The EUP2412 LDO linear regulator has an independent input supply pin and is capable of delivering up to 600mA load current. It offers high output accuracy, extremely low dropout voltage, low quiescent current and fast start-up time. LDO is designed to work with low-ESR ceramic capacitors. Only a 2.2uF ceramic output capacitor can make the device stable over the entire load range. Optionally connecting a capacitor from BYPASS pin to GND gets high PSRR. The EUP2412 LDO output voltage is factory pre-set 1.2V, 1.8V, 2.5V, 2.8V or 3.3V. The EUP2412 is available in a 10pin 3mm x 3mm TDFN-10 package.
EUP2412
FEATURES
Wide Input Voltage Range: 2.2V to 5.5V Synchronous Step-Up Converter: - 1.6Amp Peak Current Limit - 500kHz Fixed Switching Frequency - Output is Disconnected from the Input in Shutdown - Built-in Main Switch and Synchronous Rectifier - Internal Soft-Start Linear Regulator: - 600mA Output Current - 300mV Dropout Voltage at 600mA - 2% Initial Accuracy - Fast Line / Load Transient Response - 70dB PSRR at 1kHz - Stable with a 2.2uF Ceramic Output Capacitor - Output is Discharged to GND in Shutdown - Fixed Output Voltage: 1.2V to 3.6V Thermal Shutdown RoHS Compliant and 100% Lead (Fb)-Free Available in TDFN33-10 Package
APPLICATIONS
Portable Media Players Cellular Phones Bluetooth portable radios and Accessories Battery-Powered Equipments
Typical Application Circuit
Figure 1. Application Circuit 1
DS2412 Ver1.1 Apr. 2009
1


▲Up To Search▲   

 
Price & Availability of EUP2412

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X